Part Number Hot Search : 
UPD3725A SS8550C EC50A 2N60B FQI34N20 TC367 2SC1573B VCO190
Product Description
Full Text Search
 

To Download PC1000110-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC2000
1 0 0 0 - 2 0 0 0 W AT T S D C / D C S I N G L E
OPEN FRAME & ENCLOSED
Features
* * * * * * * Overvoltage protection, (OVP). Alarm circuit with relay output. Current sharing. Inhibit/Power down input. Over voltage protection OVP. Output voltage adjustable on front panel. Operating temperature -25 to +55OC.
Specifications
INPUT
Voltage Isolation 20 - 30V (24), 41 - 60V(48), 93 - 150V (110), 187 - 300V (220) Input - Output: 4kVd (Input code 24, 48, 72) Input - Output: 3kVac / 4.3kVdc (Input code 110, 220) Input - Alarm: 2.5kVdc (Input - Output 24, 48, 72) Input - Alarm: 3kVac / 4.3kVdc (Input code 110, 220) Input - Case: 2.5kVdc (Input code 24, 48, 72) Input - Case: 3kVac / 4.3kVdc (Input - code 110, 220) Alarm - Case: 2.5kVdc Output - Case: 2.5kVdc Output - Alarm: 2.5kVdc
ENVIRONMENTAL
Operating temperature Temperature coefficient Storage temperature -25C to 55C (100% load). -25C to +70C (with derating), contact Powerbox for details. 0.02%. -40C to 85C.
GENERAL
Cooling Mounting brackets Optional Features See table. Please consult Powerbox for mounting options - Conformally coating, option I. For environment with high non-condensing humidity max 98% RH. - Series diode on output. Specify series diode output when the output is connected in parallel with other power supply to achieve redundancy. The output is derated 10% on 24V and 5% on 48V. -Train input, option T. Input voltage range according to train Standard EN50155 and IEC 60751.
OUTPUT
Voltage Current Source regulation Load regulation Output ripple Voltage adjustment Current limit protection Overvoltage protection Reverse voltage protection Over/under voltage alarm Overheated alarm Remote sense Soft start Start-up time Hold-up time Efficiency See table. See table. 0.1%. 0.5% 0.2% (with sense connected) 0-100% 30mV p-p (120kHz) 95% - 110%. 105%. 115%. Yes. 90%-115% of nominal output. Yes. Yes. Yes. <3s 2-25ms 89-93%
STANDARDS
Safety C-tick EMI EMC EN/IEC60950-1: 2001 AS/NZS CISPR11 Group 1, Class A IEC/EN61000-6-2, EN55011/EN55022 class B, IEC/EN 61000-6-2 IEC/EN 61000-4-2 IEC/EN 61000-4-3 IEC/EN 61000-4-4 IEC/EN 61000-4-5 IEC/EN 61000-4-6 IEC/EN 61000-4-8 IEC/EN 61000-4-10
Your dependable power partner - www.powerbox.com.au
139
OPEN FRAME & ENCLOSED
PC2000
1 0 0 0 - 2 0 0 0 W AT T S D C / D C S I N G L E
Selection Table
MODEL NUMBER
PC1000 24/24 PC1000 24/28 PC1000 24/36* PC1000 24/48 PC1000 48/24 PC1000 48/28 PC1000 48/36* PC1000 48/48 PC1000 110/24 PC1000 110/28 PC1000 110/36* PC1000 110/48 PC1000 220/24 PC1000 220/28 PC1000 220/36* PC1000 220/48 PC1400 48/24 PC1400 48/28 PC2000 48/36* PC2000 48/48 PC1400 110/24 PC1400 110/28 PC2000 110/36* PC2000 110/48 PC1400 220/24 PC1400 220/28 PC2000 220/36* PC2000 220/48
INPUT
20-32V 20-32V 20-32V 20-32V 43-60V 43-60V 43-60V 43-60V 93-150V 93-150V 93-150V 93-150V 187-300V 187-300V 187-300V 187-300V 43-60V 43-60V 43-60V 43-60V 93-150V 93-150V 93-150V 93-150V 187-300V 187-300V 187-300V 187-300V
OUTPUT
24V 28V 36V 48V 24V 28V 36V 48V 24V 28V 36V 48V 24V 28V 36V 48V 24V 28V 36V 48V 24V 28V 36V 48V 24V 28V 36V 48V 42A 36A 28A 21A 42A 36A 28A 21A 42A 36A 28A 21A 42A 36A 28A 21A 58A 58A 56A 42A 58A 58A 56A 42A 58A 58A 56A 42A
COOLING
Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Fan Fan Fan Fan Fan Fan Fan Fan Fan Fan Fan Fan
POWER
1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1400W 1400W 2000W 2000W 1400W 1400W 2000W 2000W 1400W 1400W 2000W 2000W
T-INPUT RANGE FOR MOBILE APPLICATION UIN 0.1S-S2
14.4-33.6V 21.6-50.4V 28.8-67.2V 43.2-110.8V 66-154V
CONTINUOUS RANGE
16.8-30V 25.2-45V 33.6-60V 50.4-90V 77-137.5V
CODE
24T 36T 48T 72T 110T
* NRE might be charged.
140


▲Up To Search▲   

 
Price & Availability of PC1000110-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X